Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3296_2014 Datasheet(Hoja de datos) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de Pieza. 2SC3296_2014
Descripción  Silicon NPN Power Transistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo 

   
 1 page
background image
JMnic
Product Specification
Silicon NPN Power Transistors
2SC3296
DESCRIPTION
・With TO-220Fa package
・Wide area of safe operation
・Complement to type 2SA1304
APPLICATIONS
・Power amplifier applications
・Vertical output applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
150
V
VCEO
Collector-emitter voltage
Open base
150
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
1.5
A
IB
Base current
0.5
A
Ta=25℃
2
PC
Collector power dissipation
TC=25℃
20
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl