Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

74ACT139SCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de Pieza. 74ACT139SCX
Descripción  Dual 1-of-4 Decoder/Demultiplexer
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

74ACT139SCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Functional Description
The AC/ACT139 is a high-speed dual 1-of-4 decoder/
demultiplexer. The device has two independent decoders,
each of which accepts two binary weighted inputs (A0–A1)
and provides four mutually exclusive active-LOW outputs
(O0–O3). Each decoder has an active-LOW enable (E).
When E is HIGH all outputs are forced HIGH. The enable
can be used as the data input for a 4-output demultiplexer
application. Each half of the AC/ACT139 generates all four
minterms of two variables. These four minterms are useful
in some applications, replacing multiple gate functions as
shown in Figure 1, and thereby reducing the number of
packages required in a logic network.
FIGURE 1. Gate Functions (Each Half)
Logic Diagram
Please note that this diagram is provided only for the understanding of logic
operations and should not be used to estimate propagation delays.
Inputs
Outputs
E
A0
A1
O0
O1
O2
O3
H
X
X
HHHH
L
LLL
H
H
H
L
H
LH
LH
H
L
L
HHH
L
H
L
HHHHH
L


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn