Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2150 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza SB2150
Descripción Electrónicos  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB2150 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB2150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB2150 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0877, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB2150
SB2150 SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Disk drives
Battery charging
Features:
Schottky Barrier Chip
Ideally Suited for Automatic Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 50A Peak
For Use in Low Voltage Application
Guard Ring Die Construction
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Green Products in Compliance with the RoHS Directive
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
DO-15


Número de pieza similar - SB2150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
DONGGUAN YOU FENG WEI E...
SB2150 YFWDIODE-SB2150 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SB2150 YIXIN-SB2150 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
SB2150 CTC-SB2150 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
Chongqing Pingwei Enter...
SB2150 CHONGQING-SB2150 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB2150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com