Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1640DC Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza SB1640DC
Descripción Electrónicos  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB1640DC Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB1640DC Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB1640DC Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB1640DC Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB1640DC Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB1640DC Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0875, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113 (86) 25-87123907 •
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB1640DC
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
40
V
Max. Average Forward
IF(AV)
50% duty cycle @TC = 95°C,
rectangular wave form
16
A
Max. Forward Voltage Drop
(per leg) *
VF1
@ 8A, Pulse, TJ = 25℃
0.55
V
Max. Reverse Current (per
leg) *
IR1
@VR = rated VR
TJ = 25℃
0.25
mA
IR2
@VR = rated VR
TJ = 100℃
15
mA
Max.
Peak
One
Cycle
Non-Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
180
A
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
at reduced reverse voltage
at reduced reverse voltage
in DC forward mode
TJ
VR≤80%VRRM
VR≤50%VRRM
-55 to +150
-55 to +180
-55 to +200
Max. Storage Temperature
Tstg
-
-55 to +200
Maximum Thermal Resistance
Junction to Case
RθJC
DC operation
2.0
℃/W
Approximate Weight
wt
-
1.85
g
Case Style
D
2PAK


Número de pieza similar - SB1640DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
SB1640DC PANJIT-SB1640DC Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Transys Electronics
SB1640DC TRSYS-SB1640DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1640DC PANJIT-SB1640DC Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
SB1640DC PANJIT-SB1640DC Datasheet
52Kb / 2P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
Sangdest Microelectroni...
SB1640DC SMC-SB1640DC Datasheet
129Kb / 5P
   SCHOTTKY RECTIFIER
More results

Descripción similar - SB1640DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com