Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-1700F00A1 Datasheet(Hoja de datos) 8 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-1700F00A1
Descripción  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

 
 8 page
background image
8
Intensity Bin Limits, continued
Intensity Range (mcd)
Color
Bin
Min.
Max.
Green
A
1.1
1.8
B
1.8
2.9
C
2.9
4.7
D
4.7
7.6
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Maximum tolerance for each bin limit is
± 18%.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NUD4011Low Current LED Driver 1 2 3 4 5 MoreON Semiconductor
AND190CRPUltra Bright LED Lamps GaAlAs Red Light Emission T-3 Package 10 mm 1 2 List of Unclassifed Manufacturers
L934SET-1 3mm SOLID STATE LAMPS 1 2 3 Kingbright Corporation
IS204XLOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
BL-R1138ASTANDARD LED LAMPS RECTANGULAR TYPES 1 2 Yellow Stone Corp
TPS3808G125Low Quiescent Current Programmable-Delay Supervisory Circuit 1 2 3 4 5 MoreTexas Instruments
TPS732XXCap-Free NMOS 250mA Low Dropout Regulator with Reverse Current Protection 1 2 3 4 5 MoreTexas Instruments
IS205X3LOW INPUT CURRENT NON-BASE LEAD PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
CSE187-LCurrent Sense Low Frequency Transformers 1 TRIAD MAGNETICS

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl