Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G07GM Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74LVC2G07GM
Descripción Electrónicos  Buffers with open-drain outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G07GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G07GM Datasheet HTML 7Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 8Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 9Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 10Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 11Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 12Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 13Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 14Page - NXP Semiconductors 74LVC2G07GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
11 of 18
NXP Semiconductors
74LVC2G07
Buffers with open-drain outputs
Fig 11. Package outline SOT886 (XSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT886
MO-252
sot886_po
04-07-22
12-01-05
Unit
mm
max
nom
min
0.5
0.04
1.50
1.45
1.40
1.05
1.00
0.95
0.35
0.30
0.27
0.40
0.35
0.32
0.6
A(1)
Dimensions (mm are the original dimensions)
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
A1
b
0.25
0.20
0.17
DE
e
e1
0.5
LL1
terminal 1
index area
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
1
6
2
5
3
4
6x
(2)
4x
(2)
A


Número de pieza similar - 74LVC2G07GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07GM PHILIPS-74LVC2G07GM Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74LVC2G07GM NXP-74LVC2G07GM Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07GM NEXPERIA-74LVC2G07GM Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
More results

Descripción similar - 74LVC2G07GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com