Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G07GW Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74LVC2G07GW
Descripción Electrónicos  Buffers with open-drain outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G07GW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G07GW Datasheet HTML 4Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 5Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 6Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 7Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 8Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 9Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 10Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 11Page - NXP Semiconductors 74LVC2G07GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
8 of 18
NXP Semiconductors
74LVC2G07
Buffers with open-drain outputs
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
1.65 V to 1.95 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.15 V
2.3 V to 2.7 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
4.5 V to 5.5 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.3 V
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0 ns
30 pF
1 k
2
 V
CC
2.3 V to 2.7 V
VCC
 2.0 ns
30 pF
500
2
 V
CC
2.7 V
2.7 V
 2.5 ns
50 pF
500
6 V
3.0 V to 3.6 V
2.7 V
 2.5 ns
50 pF
500
6 V
4.5 V to 5.5 V
VCC
 2.5 ns
50 pF
500
2
 V
CC


Número de pieza similar - 74LVC2G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07GW PHILIPS-74LVC2G07GW Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
74LVC2G07GW NXP-74LVC2G07GW Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07GW NEXPERIA-74LVC2G07GW Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
74LVC2G07GW-Q100 NEXPERIA-74LVC2G07GW-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
More results

Descripción similar - 74LVC2G07GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G07 PHILIPS-74LVC2G07 Datasheet
82Kb / 13P
   Buffers with open-drain outputs
2004 Sep 08
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07_15 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC2G07 NXP-74LVC2G07 Datasheet
88Kb / 15P
   Buffers with open-drain outputs
Rev. 04-21 May 2007
logo
Nexperia B.V. All right...
74LVC2G07-Q100 NEXPERIA-74LVC2G07-Q100 Datasheet
779Kb / 13P
   Buffers with open-drain outputs
logo
Unisonic Technologies
U74LVC2G07 UTC-U74LVC2G07 Datasheet
194Kb / 5P
   BUFFERS WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC2G07 NEXPERIA-74LVC2G07 Datasheet
257Kb / 17P
   Buffers with open-drain outputs
Rev. 12 - 24 January 2022
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LV07A DIODES-74LV07A Datasheet
297Kb / 9P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com