Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3212 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No. de pieza 1N3212
Descripción Electrónicos  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENESIC [GeneSiC Semiconductor, Inc.]
Página de inicio  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3212 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3212 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3212 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3212 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 400 V - 600 V
IF = 15 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Silicon Standard
Recovery Diode
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
400
600
420
600
500
400
Conditions
1N3212 (R)
1N3213 (R)
1N3214 (R)
500
350
280
• Types from 400 V to 600 V VRRM
1N3212 thru 1N3214R
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
V
Continuous forward current
IF
A
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Diode forward voltage
μA
mA
Thermal characteristics
Thermal resistance, junction - ca
RthJC
°C/W
0.65
15
15
15
297
297
297
600
1.5
1.5
-55 to 150
10
500
400
10
1N3214 (R)
1.5
10
10
-55 to 150
-55 to 150
-55 to 150
-55 to 150
-55 to 150
1N3212 (R)
1N3213 (R)
0.65
0.65
VR = 50 V, Tj = 150 °C
10
10
A
V
TC = 25 °C, tp = 8.3 ms
TC ≤ 150 °C
Conditions
VR = 50 V, Tj = 25 °C
IF = 15 A, Tj = 25 °C
Reverse current
IR
VF
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Número de pieza similar - 1N3212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3212 IRF-1N3212 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3212 MICROSEMI-1N3212 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3212 VISHAY-1N3212 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
1N3212 NJSEMI-1N3212 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
America Semiconductor, ...
1N3212 AMERICASEMI-1N3212 Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
More results

Descripción similar - 1N3212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com