Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

8XC196NT Datasheet(PDF) 8 Page - Intel Corporation

No. de pieza 8XC196NT
Descripción Electrónicos  CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NT Datasheet(HTML) 8 Page - Intel Corporation

Back Button 8XC196NT Datasheet HTML 4Page - Intel Corporation 8XC196NT Datasheet HTML 5Page - Intel Corporation 8XC196NT Datasheet HTML 6Page - Intel Corporation 8XC196NT Datasheet HTML 7Page - Intel Corporation 8XC196NT Datasheet HTML 8Page - Intel Corporation 8XC196NT Datasheet HTML 9Page - Intel Corporation 8XC196NT Datasheet HTML 10Page - Intel Corporation 8XC196NT Datasheet HTML 11Page - Intel Corporation 8XC196NT Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8XC196NT
DC CHARACTERISTICS (Under Listed Operating Conditions) (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VOL1
Output Low Voltage in RESET
08
V
(Note 7)
VOH1
SLPINT (P54) and HLDA (P26)
20
V
IOH e 08 mA(7)
Output High Voltage in RESET
VOH2
Output High Voltage in RESET
VCCb1V
V
IOH eb6 mA(1)
CS
Pin Capacitance (Any pin to VSS)10
pF
ftest e 10 MHz
RWPU
Weak Pullup Resistance
150K
X
(Note 6)
RRST
Reset Pullup
65K
180K
X
NOTES
1 All BD (bidirectional) pins except INST and CLKOUT INST and CLKOUT are excluded due to their not being weakly
pulled high in reset BD pins include Port1 Port2 Port3 Port4 Port5 Port6 and EPORT except SPLINT (P54) and HLDA
(P26)
2 Standard input pins include XTAL1 EA RESET and Port 1256 and EPORT when setup as inputs
3 All bidirectional IO pins when configured as Outputs (PushPull)
4 Device is static and should operate below 1 Hz but only tested down to 4 MHz
5 Maximum IDL IDH currents per pin are as follows
a) Test Condition VOH e VCC b 07V
VOL e 045V
Part 1
IOL e 065 mA IOH e 75 mA
Part 2
IOL e 80 mA
IOH e 120 mA
Part 3
IOL e 75 mA
IOH e 75 mA
Part 4
IOL e 75 mA
IOH e 75 mA
Part 5
IOL e 90 mA
IOH e 90 mA
Part 6
IOL e 80 mA
IOH e 90 mA
b) Test Condition VOH e VCC b 15V
VOL e 15V
Part 1
IOL e 210 mA IOH e 260 mA
Part 2
IOL e 260 mA IOH e 290 mA
Part 3
IOL e 170 mA IOH e 250 mA
Part 4
IOL e 160 mA IOH e 250 mA
Part 5
IOL e 210 mA IOH e 280 mA
Part 6
IOL e 190 mA IOH e 260 mA
6 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
VREF e VCC e 55V
7 Violating these specifications in reset may cause the device to enter test modes (P54 and P26)
8 TBD e To Be Determined
9 Pullup present during return from powerdown condition
10 When P0 is used as analog inputs refer to AD specifications
11 For temperatures k100 C typical is 10 mA
272267 – 24
8


Número de pieza similar - 8XC196NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results

Descripción similar - 8XC196NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
87C196NT INTEL-87C196NT Datasheet
1Mb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINER ADDRESS SPACE
87C196KD20 INTEL-87C196KD20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
8XC196KD INTEL-8XC196KD Datasheet
383Kb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
EE87C196KDH20 INTEL-EE87C196KDH20 Datasheet
1Mb / 25P
   COMMERCIAL CHMOS MICROCONTROLLER
80C196KT INTEL-80C196KT Datasheet
1Mb / 31P
   COMMERCIAL CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
87C196KB INTEL-87C196KB Datasheet
1Mb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
80C196KC INTEL-80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com