Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-3640ODB2 Datasheet(Hoja de datos) 2 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-3640ODB2
Descripción  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

   
 2 page
background image
2
Selection Guide
Luminous Intensity
Part
Iv (mcd)
Package
Operating
Number
Color
Package Description
Outline
2
θ
1/2
[1]
Voltage(V)
HLMP-
Min.
Max.
60
5
1600
2.1
-
T-1 Tinted Diffused
A
1600-D00xx
2.1
-
1601
2.1
-
Red
60
12
1601-D00xx
2.1
-
1601-GH0xx
8.6
27.6
60
5
3600
2.1
-
T-1 3/4 Tinted Diffused
B
3600-D00xx
2.1
-
60
12
3601
2.1
-
3601-D00xx
2.1
-
1620
2.2
-
60
5
1620-C00xx
2.2
-
T-1 Tinted Diffused
A
1620-C0Bxx
2.2
-
1620-EFBxx
3.4
10.8
Yellow
60
12
1621
2.2
-
1621-C00xx
2.2
-
60
5
3650
2.2
-
T-1 3/4 Tinted Diffused
B
3650-C00xx
2.2
-
60
12
3651
2.2
-
3651-C00xx
2.2
-
1640
1.6
-
60
5
1640-B00xx
1.6
-
T-1 Tinted Diffused
A
1640-B0Dxx
1.6
-
1640-DE0xx
4.2
13.4
Green
60
12
1641
1.6
-
1641-B00xx
1.6
60
5
3680
1.6
-
T-1 3/4 Tinted Diffused
B
3680-B00xx
1.6
-
60
12
3681
1.6
-
3681-B00xx
1.6
-
Note:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is
1/2 the axial luminous intensity.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MR3050INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES 1 2 3 QT Optoelectronics
MR5060INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES 1 2 3 QT Optoelectronics
MVL-564BGT-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MVL-5C4SGT-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MT620-RSTANDARD T-1 3/4 LOW CURRENT LED LAMPS 1 Marktech Corporate
BR-HG033-05VSURFACE MOUNT RESISTOR CHIP LED LAMPS 1 Yellow Stone Corp
HLMP-DB25-B00XXT-1 3/4 5 mm T-1 3 mm Blue LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-564BST-1 3/4 f5mm InGaN LED LAMPs 1 2 Unity Opto Technology
MVL-5C4SOT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
L493ITT-1 3/4 5mm CYLINDRICAL LED LAMPS 1 2 3 4 5 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl