Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA16A Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SA16A Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 6 page SA5.0A thru SA170CA www.vishay.com Vishay General Semiconductor Revision: 18-Sep-12 2 Document Number: 88378 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Pulse test: tp 50 ms (2) Surge current waveform per fig. 3 and derate per fig. 2 (3) For bi-directional types with VWM of 10 V and less the ID limit is doubled (4) For the bi-directional SA5.0CA, the maximum VBR is 7.25 V (5) All terms and symbols are consistent with ANSI/EEE CA62.35 ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) DEVICE TYPE BREAKDOWN VOLTAGE VBR AT IT (1) (V) TEST CURRENT IT (mA) STAND-OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM (3) ID (μA) MAXIMUM PEAK PULSE CURRENT IPPM (2) (A) MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) MAXIMUM TEMPERATURE COEFFICENT AT VBR (%/°C) MIN. MAX. SA5.0A (4) 6.40 7.07 10 5.0 600 54.3 9.2 5 SA6.0A 6.67 7.37 10 6.0 600 48.5 10.3 5 SA6.5A 7.22 7.98 10 6.5 400 44.7 11.2 5 SA7.0A 7.78 8.60 10 7.0 150 41.7 12.0 6 SA7.5A 8.33 9.21 1.0 7.5 50 38.8 12.9 7 SA8.0A 8.89 9.83 1.0 8.0 25 36.8 13.6 7 SA8.5A 9.44 10.4 1.0 8.5 10 34.7 14.4 8 SA9.0A 10.0 11.1 1.0 9.0 5.0 32.5 15.4 9 SA10A 11.1 12.3 1.0 10 1.0 29.4 17.0 10 SA11A 12.2 13.5 1.0 11 1.0 27.5 18.2 11 SA12A 13.3 14.7 1.0 12 1.0 25.1 19.9 12 SA13A 14.4 15.9 1.0 13 1.0 23.3 21.5 13 SA14A 15.6 17.2 1.0 14 1.0 21.6 23.2 14 SA15A 16.7 18.5 1.0 15 1.0 20.5 24.4 16 SA16A 17.8 19.7 1.0 16 1.0 19.2 26.0 17 SA17A 18.9 20.9 1.0 17 1.0 18.1 27.6 19 SA18A 20.0 22.1 1.0 18 1.0 17.1 29.2 20 SA20A 22.2 24.5 1.0 20 1.0 15.4 32.4 23 SA22A 24.4 26.9 1.0 22 1.0 14.1 35.5 25 SA24A 26.7 29.5 1.0 24 1.0 12.9 38.9 28 SA26A 28.9 31.9 1.0 26 1.0 11.9 42.1 30 SA28A 31.1 34.4 1.0 28 1.0 11 45.4 31 SA30A 33.3 36.8 1.0 30 1.0 10 48.4 36 SA33A 36.7 40.6 1.0 33 1.0 9.4 53.3 39 SA36A 40.0 44.2 1.0 36 1.0 8.6 58.1 41 SA40A 44.4 49.1 1.0 40 1.0 7.8 64.5 46 SA43A 47.8 52.8 1.0 43 1.0 7.2 69.4 50 SA45A 50.0 55.3 1.0 45 1.0 6.9 72.7 52 SA48A 53.3 58.9 1.0 48 1.0 6.5 77.4 56 SA51A 56.7 62.7 1.0 51 1.0 6.1 82.4 61 SA54A 60.0 66.3 1.0 54 1.0 5.7 87.1 65 SA58A 64.4 71.2 1.0 58 1.0 5.3 93.6 70 SA60A 66.7 73.7 1.0 60 1.0 5.2 96.8 71 SA64A 71.1 78.6 1.0 64 1.0 4.9 103 76 SA70A 77.8 86.0 1.0 70 1.0 4.4 113 85 SA75A 83.3 92.1 1.0 75 1.0 4.1 121 91 SA78A 86.7 95.8 1.0 78 1.0 4 126 95 SA85A 94.4 104 1.0 85 1.0 3.6 137 103 SA90A 100 111 1.0 90 1.0 3.4 146 110 SA100A 111 123 1.0 100 1.0 3.1 162 123 SA110A 122 135 1.0 110 1.0 2.8 177 133 SA120A 133 147 1.0 120 1.0 2.6 193 146 SA130A 144 159 1.0 130 1.0 2.4 209 158 SA150A 167 185 1.0 150 1.0 2.1 243 184 SA160A 178 197 1.0 160 1.0 1.9 259 196 SA170A 189 209 1.0 170 1.0 1.8 275 208 |
Número de pieza similar - SA16A |
|
Descripción similar - SA16A |