Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMOV25S181NP Datasheet(PDF) 4 Page - Littelfuse

No. de pieza SMOV25S181NP
Descripción Electrónicos  SMOV25S Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV25S181NP Datasheet(HTML) 4 Page - Littelfuse

  SMOV25S181NP Datasheet HTML 1Page - Littelfuse SMOV25S181NP Datasheet HTML 2Page - Littelfuse SMOV25S181NP Datasheet HTML 3Page - Littelfuse SMOV25S181NP Datasheet HTML 4Page - Littelfuse SMOV25S181NP Datasheet HTML 5Page - Littelfuse SMOV25S181NP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Thermally Protected Varistors > SMOV25S Series
Operating/Storage Temp. -45°Cto+75°C/-45°Cto+85°C
Passive Aging
+75°C,1000hours
-/+10%typicalvoltagechange
Humidity Aging
+75°C,85%R.H.,1000hours
-/+10%typicalvoltagechange
Thermal Shock
+75°Cto-40°C5times
-/+10%typicalvoltagechange
Solvent Resistance
MIL-STD-202,Method215F
Moisture Sensitivity
Level1,J-STD-020C
Lead Material
Tin–plated
Soldering
Characteristics
SolderabilityperMIL-STD-202,
Method208E
Insulating Material
Cured,flameretardantepoxypolymer
meetsUL94V-0requirements
Device Labeling
MarkedwithLF,voltage,ULlogos,and
datecode
Physical Specifications
Environmental Specifications
SMOV25S Pulse Rating Curve
1
2
15
10
2
10
3
1
10
100
1000
10000
100000
10
100
1000
10000
Impulse Duration (secs)
10
4
10
5
10
6
Figure 4
Wave Solder Profile
BecausetheSMOV25SSeriesvaristorscontainathermalprotec-
tiondevice,caremustbetakenwhensolderingthedevicesinto
place.Twosolderingmethodsarepossible.Firstly,handsoldering:
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Itisrecommendedtoheat–sinktheleadsofthedevice.Secondly,
wave–soldering:Itiscriticallyimportantthatallpreheatstageand
thesolderbathtemperaturesarerigidlycontrolled.
Figure 5
Figure 6


Número de pieza similar - SMOV25S181NP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
More results

Descripción similar - SMOV25S181NP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com