Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCS3103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza TCS3103
Descripción Electrónicos  The technical content of this TAOS datasheet is still valid.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TCS3103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCS3103 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS3103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
D Three-Channel RGB Color Sensor
D Converts Light Intensity to Voltage
D Single-Voltage Supply Operation —
4.5 V to 5.5 V
D Rail-to-Rail Output
D Programmable gain settings:
− TCS3103 (2
y, 4y)
− TCS3104 (4
y, 1y)
D Low Supply Current — 270 mA Typical
D Fast Response Time —
Rise Time = 12
ms Typical
D Low Dark Offset
Description
The TCS3103 and TCS3104 RGB Light-to-Voltage Converters combine three photodiodes with optical filters,
amplifiers, and gain-switching circuitry on a single chip. The output of each channel is a voltage that is linearly
proportional to light intensity (irradiance) on the corresponding photodiode element. Gain is switchable via a
digital input pin from 1
× to 4× on the TCS3104, and from 2× to 4× on the TCS3103 (as compared to 1× of
TCS3104).
Each channel on the device consists of a photodiode with a red, green, or blue optical filter, a current-to-voltage
converter, and gain control elements. The voltage from each of the red, green, and blue channels is output on
the VOR, VOG, and VOB pins, respectively. The single MFP pin controls the gain for all three channels. Each of
the three photodiode channels is split into three elements, which are dispersed in a 3
× 3 array. This makes the
device less sensitive to non-uniform illumination across the sensing area. The overall photodiode active area
is 378
μm
× 378 μm. Each channel is factory-trimmed for low dark offset voltage and uniform sensitivity from
device-to-device.
The TCS3103 and TCS3104 are intended for use in a variety of applications including color-point feedback
control in solid-state illumination and backlight systems, color adjustment in printers, process controls,
diagnostic systems, paper and product handling, toys, and games.
Functional Block Diagram
VDD = 4.5 V to 5.5 V
VOR
Red
Channel
Current-to-Voltage
Converter
MFP
Green
Channel
Blue
Channel
VOG
VOB
Control
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
6 VOR
5 VOG
4 VOB
VDD 1
GND 2
MFP 3
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)


Número de pieza similar - TCS3103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
ams AG
TCS3103 AMSCO-TCS3103 Datasheet
755Kb / 13P
   LIGHT-TO-VOLTAGE COLOR SENSOR
More results

Descripción similar - TCS3103

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
   This technical note is an overview of the main features
TN1189 STMICROELECTRONICS-TN1189 Datasheet
165Kb / 4P
   The purpose of this technical note
logo
Silicon Laboratories
1302261 SILABS-1302261 Datasheet
148Kb / 3P
   Version 0.5 of the SiM3L1xx datasheet is now available
logo
Texas Instruments
OMAP5910JZZG2 TI-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
logo
REAN
NYS367-2 REAN-NYS367-2 Datasheet
161Kb / 1P
   THIS DOCUMENT IS THE PROPERTY OF NEUTRIK.
2015.06.18
logo
Silicon Laboratories
1303191 SILABS-1303191 Datasheet
216Kb / 3P
   Version 1.5 of the CP2102/9 datasheet is now available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com