Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80C58X2 Datasheet(PDF) 7 Page - ATMEL Corporation

No. de pieza TS80C58X2
Descripción Electrónicos  Programmable Clock Out and Up/Down Timer/Counter 2
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C58X2 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS80C58X2_14 Datasheet HTML 3Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 4Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 5Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 6Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 7Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 8Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 9Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 10Page - ATMEL Corporation TS80C58X2_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
7
4431E–8051–04/06
AT/TS8xC54/8X2
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for
external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. This pin is also the program pulse input (PROG) during EPROM
programming. ALE can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE
will be inactive during internal fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program
memory.
EA/V
PP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held
low to enable the device to fetch code from external program memory locations 0000H
and 3FFFH (54X2) or 7FFFH (58X2). If EA is held high, the device executes from
internal program memory unless the program counter contains an address greater
than 3FFFH (54X2) or 7FFFH (58X2). This pin also receives the 12.75V programming
supply voltage (VPP) during EPROM programming. If security level 1 is programmed,
EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
Table 5-1.
Pin Description for 40/44 pin packages
MNEMONIC
PIN NUMBER
TYPE
Name And Function
DIL
LCC
VQFP 1.4


Número de pieza similar - TS80C58X2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C58X2XXX-LCA ATMEL-TS80C58X2XXX-LCA Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C58X2XXX-LCB ATMEL-TS80C58X2XXX-LCB Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C58X2XXX-LCC ATMEL-TS80C58X2XXX-LCC Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C58X2XXX-LCE ATMEL-TS80C58X2XXX-LCE Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C58X2XXX-LIA ATMEL-TS80C58X2XXX-LIA Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results

Descripción similar - TS80C58X2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RB2 ATMEL-AT87C51RB2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C51RA2 ATMEL-TS80C51RA2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C54 ATMEL-TS87C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C58X2 ATMEL-TS87C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT83C51RD2 ATMEL-AT83C51RD2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
T83C5101 ATMEL-T83C5101_14 Datasheet
679Kb / 58P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RC2 ATMEL-AT87C51RC2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com