Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC80251G2D Datasheet(PDF) 6 Page - ATMEL Corporation

No. de pieza TSC80251G2D
Descripción Electrónicos  Registers Accessible as Bytes, Words or Dwords
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC80251G2D Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TSC80251G2D_14 Datasheet HTML 2Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 3Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 4Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 5Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 6Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 7Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 8Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 9Page - ATMEL Corporation TSC80251G2D_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
6
AT/TSC8x251G2D
4135F–8051–11/06
Table 1.
TSC80251G2D Pin Assignment
DIP
PLCC
VQFP
Name
DIP
PLCC
VQFP
Name
1
39VSS1
23
17VSS2
1
2
40
P1.0/T2
21
24
18
P2.0/A8
2
3
41
P1.1/T2EX
22
25
19
P2.1/A9
3
4
42
P1.2/ECI
23
26
20
P2.2/A10
4
5
43
P1.3/CEX0
24
27
21
P2.3/A11
5
6
44
P1.4/CEX1/SS#
25
28
22
P2.4/A12
6
7
1
P1.5/CEX2/MISO
26
29
23
P2.5/A13
7
8
2
P1.6/CEX3/SCL/SCK/WAIT#
27
30
24
P2.6/A14
8
9
3
P1.7/A17/CEX4/SDA/MOSI/WCLK
28
31
25
P2.7/A15
9
10
4
RST
29
32
26
PSEN#
10
11
5
P3.0/RXD
30
33
27
ALE/PROG#
12
6
AWAIT#
34
28
NMI
11
13
7
P3.1/TXD
31
35
29
EA#/VPP
12
14
8
P3.2/INT0#
32
36
30
P0.7/AD7
13
15
9
P3.3/INT1#
33
37
31
P0.6/AD6
14
16
10
P3.4/T0
34
38
32
P0.5/AD5
15
17
11
P3.5/T1
35
39
33
P0.4/AD4
16
18
12
P3.6/WR#
36
40
34
P0.3/AD3
17
19
13
P3.7/A16/RD#
37
41
35
P0.2/AD2
18
20
14
XTAL2
38
42
36
P0.1/AD1
19
21
15
XTAL1
39
43
37
P0.0/AD0
20
22
16
VSS
40
44
38
VDD


Número de pieza similar - TSC80251G2D_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC80251G2D-16CB TEMIC-TSC80251G2D-16CB Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Descripción similar - TSC80251G2D_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT86RF230 ATMEL-AT86RF230_14 Datasheet
1Mb / 98P
   Registers and Frame Buffer Accessible through Fast SPI
AT91FR40162SB ATMEL-AT91FR40162SB_14 Datasheet
3Mb / 214P
   1024K Words 16-bit Flash Memory (2M bytes)
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
SM5954 SYNCMOS-SM5954 Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
OKI electronic componet...
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
   1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
MSM538052E OKI-MSM538052E Datasheet
103Kb / 8P
   524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
logo
AAEON Technology
FWS-2251 AAEON-FWS-2251 Datasheet
299Kb / 2P
   Accessible SIM Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com