Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BCV47QTA Datasheet(PDF) 2 Page - Diodes Incorporated

No. de Pieza. BCV47QTA
Descripción  60V NPN DARLINGTON TRANSISTOR IN SOT23
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

BCV47QTA Datasheet(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCV47
Document number: DS33001 Rev. 4 - 2
2 of 5
www.diodes.com
December 2012
© Diodes Incorporated
BCV47
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Peak Pulse Current
ICM
800
mA
Base Current
IB
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
310
mW
(Note 7)
350
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
403
°C/W
(Note 7)
357
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
350
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Notes:
6. For the device mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper in still air condition; the device is
measured when operating in a steady-state condition.
7. Same as note (6), except the device is mounted on 15mm x 15mm FR4 PCB.
8. Thermal resistance from junction to solder-point (at the end of the leads).
0
255075
100
125
150
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
10m
100m
1
10
100
1k
0.1
1
10
Single Pulse. T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn