Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM93C46N Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FM93C46N
Descripción Electrónicos  1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C46N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM93C46N Datasheet HTML 1Page - Fairchild Semiconductor FM93C46N Datasheet HTML 2Page - Fairchild Semiconductor FM93C46N Datasheet HTML 3Page - Fairchild Semiconductor FM93C46N Datasheet HTML 4Page - Fairchild Semiconductor FM93C46N Datasheet HTML 5Page - Fairchild Semiconductor FM93C46N Datasheet HTML 6Page - Fairchild Semiconductor FM93C46N Datasheet HTML 7Page - Fairchild Semiconductor FM93C46N Datasheet HTML 8Page - Fairchild Semiconductor FM93C46N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.fairchildsemi.com
FM93C46 Rev. D.1
Connection Diagram
Dual-In-Line Package (N)
8–Pin SO (M8) and 8–Pin TSSOP (MT8)
Top View
Package Number
N08E, M08A and MTC08
Pin Names
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
NC
No Connect
V
CC
Power Supply
NOTE:
Pins designated as "NC" are typically unbonded pins. However some of them are bonded for special testing purposes. Hence if a signal is applied to these pins, care
should be taken that the voltage applied on these pins does not exceed the VCC applied to the device. This will ensure proper operation.
Ordering Information
FM
93
C
XX
T
LZ
E
XXX
Letter Description
Package
N
8-pin DIP
M8
8-pin SO
MT8
8-pin TSSOP
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
Blank
Normal Pinout
T
Rotated Pinout
Density
46
1024 bits
C
CMOS
CS
Data protect and sequential
read
Interface
93
MICROWIRE
Fairchild Memory Prefix
VCC
NC
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5
NC
NC
DO
DI
NC
VCC
CS
SK
1
2
3
4
8
7
6
5
GND
Normal
Pinout
Rotated
Pinout


Número de pieza similar - FM93C46N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46A FAIRCHILD-FM93C46A Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AE FAIRCHILD-FM93C46AE Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46AV FAIRCHILD-FM93C46AV Datasheet
120Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46E FAIRCHILD-FM93C46E Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Descripción similar - FM93C46N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93C46 FAIRCHILD-NM93C46 Datasheet
108Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com