Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD17N08L Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FQD17N08L
Descripción Electrónicos  N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD17N08L Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD17N08L Rev. C1
www.fairchildsemi.com
4
Typical Characteristics (Continued)
10
-5
10
-4
10
-3
10
-2
10
1
-
10
0
10
1
10
-1
10
0
N o te s :
1 . Z
θ JC( t ) = 3. 13 ℃ / W
M ax .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s in gle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.0 1
25
50
75
100
125
150
0
3
6
9
12
15
T
C, Case Temperature [℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 μs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 6.45 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 μ A
T
J, Junction Temperature [
oC]
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 , S q uar e W av e P ul s e D ur at i on [ s ec ]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Número de pieza similar - FQD17N08L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
555Kb / 9P
   80V LOGIC N-Channel MOSFET
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
Inchange Semiconductor ...
FQD17N08L ISC-FQD17N08L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results

Descripción similar - FQD17N08L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com