Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78XXAE Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza KA78XXAE
Descripción Electrónicos  3-Terminal 1 A Positive Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXAE Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA78XXAE Datasheet HTML 6Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 7Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 8Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 9Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 10Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 11Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 12Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 13Page - Fairchild Semiconductor KA78XXAE Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78XXE / KA78XXAE Rev. 1.1.1
10
Electrical Characteristics (KA7815E)
Refer to test circuit, 0
°C < TJ < 125°C, IO = 500 mA, VI = 23 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise specified.
Notes:
15. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
16. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
14.40
15.00
15.60
V
5.0 mA
≤ IO ≤ 1.0 A, PO ≤ 15 W,
VI = 17.5 V to 30 V
14.25
15.00
15.75
Regline
Line Regulation(15)
TJ = +25°C
VI = 17.5 V to 30 V
11
300
mV
VI = 20 V to 26 V
3
150
Regload
Load Regulation(15)
TJ = +25°C
IO = 5 mA to 1.5 A
12
300
mV
IO = 250 mA to 750 mA
4
150
IQ
Quiescent Current
TJ = +25°C5.2
8.0
mA
ΔIQ
Quiescent Current Change
IO = 5 mA to 1.0 A
0.5
mA
VI = 17.5 V to 30 V
1.0
ΔVO/ΔT
Output Voltage Drift(16)
IO = 5 mA
-1
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C90
μV/Vo
RR
Ripple Rejection(16)
f = 120 Hz, VI = 18.5 V to 28.5 V
54
70
dB
VDrop
Dropout Voltage
IO = 1 A, TJ= +25°C2
V
RO
Output Resistance(16)
f = 1 kHz
19
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TA= +25°C250
mA
IPK
Peak Current(16)
TJ =+25°C2.2
A


Número de pieza similar - KA78XXAE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Descripción similar - KA78XXAE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com