Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-1320-YS000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-1320-YS000
Descripción Electrónicos  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1320-YS000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HLMP-1320-YS000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1320-YS000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.semiconductor.agilent.com
Data subject to change.
Copyright © 2001 Agilent Technologies, Inc.
June 11, 2001
Obsoletes 5968-4163E (11/99)
5988-0931EN
Color Categories
Lambda (nm)
Color
Category #
Min.
Max.
6
561.5
564.5
5
564.5
567.5
Green
4
567.5
570.5
3
570.5
573.5
2
573.5
576.5
1
582.0
584.5
3
584.5
587.0
Yellow
2
587.0
589.5
4
589.5
592.0
5
592.0
593.0
Maximum tolerance for each bin limit is
± 0.5 nm.
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1800 pcs/bag
02
Tape & Reel, straight leads, minimum increment 1800 pcs/bag
A1
Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
Right Angle Housing, even leads, minimum increment 500 pcs/bag
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent
representative for further clarification/information.


Número de pieza similar - HLMP-1320-YS000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-1320 QT-HLMP-1320 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
More results

Descripción similar - HLMP-1320-YS000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com