Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF66121PBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF66121PBF
Descripción Electrónicos  RoHs Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF66121PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF66121PBF Datasheet HTML 1Page - International Rectifier IRF66121PBF Datasheet HTML 2Page - International Rectifier IRF66121PBF Datasheet HTML 3Page - International Rectifier IRF66121PBF Datasheet HTML 4Page - International Rectifier IRF66121PBF Datasheet HTML 5Page - International Rectifier IRF66121PBF Datasheet HTML 6Page - International Rectifier IRF66121PBF Datasheet HTML 7Page - International Rectifier IRF66121PBF Datasheet HTML 8Page - International Rectifier IRF66121PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6612PbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
VGS
TOP
10V
7.0V
4.5V
4.0V
3.5V
3.2V
2.9V
BOTTOM
2.7V
≤60µs PULSE WIDTH
Tj = 25°C
2.7V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.7V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
7.0V
4.5V
4.0V
3.5V
3.2V
2.9V
BOTTOM
2.7V
0
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 10V
≤60µs PULSE WIDTH
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
ID = 25A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage


Número de pieza similar - IRF66121PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612 IRF-IRF6612 Datasheet
200Kb / 10P
   HEXFET Power MOSFET
IRF6612PBF IRF-IRF6612PBF Datasheet
249Kb / 10P
   RoHs Compliant
IRF6612PBF IRF-IRF6612PBF_15 Datasheet
249Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6612TR1 IRF-IRF6612TR1 Datasheet
200Kb / 10P
   HEXFET Power MOSFET
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
More results

Descripción similar - IRF66121PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com