Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81508B Datasheet(PDF) 4 Page - Hynix Semiconductor

No. de Pieza. GMS81508B
Descripción  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/ko/index.jsp
Logo 

GMS81508B Datasheet(HTML) 4 Page - Hynix Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
HYUNDAI MicroElectronics
GMS81508B/16B/24B
DEC. 1999 Ver 1.04
1
GMS81508B/16B/24B
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH A/D CONVERTER
1. OVERVIEW
1.1 Description
The GMS81508B/16B/24B are advanced CMOS 8-bit microcontrollers with 8K/16K/24K bytes of ROM. The device is one
of GMS800 family. This device using the GMS800 family CPU includes several peripheral functions such as Timer, A/D
converter, Programmable buzzer driver, Serial I/O communication, Pulse Width Modulation function, etc. The RAM, ROM,
and I/O are placed on the same memory map in addition to simple instruction set.
The GMS815xxB is functionally 100% compatible with earier GMS81508/16 or GMS81508A/16A, however better charac-
teristics have such as strong EMS, wide operating voltage, temperature, frequency and fast programming time for the OTP.
1.2 Features
• 8K/16K/24K Bytes On-chip Program Memory
• 448 Bytes of On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
0.5
µµµµs at 8MHz
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/Event counter
or Two 16-bit Timer/Event counter
• One 6-bit Watchdog timer
• Eight channel 8-bit A/D converter
• Two channel 8-bit PWM
• One 8-bit Serial Communication Interface
• Four External Interrupt input ports
• Buzzer Driving port
- 500Hz ~ 250kHz@8MHz
• 52 I/O Ports, 4 Input Ports
• Twelve Interrupt sources
- Basic Interval Timer: 1
- External input: 4
- Timer/Event counter: 4
- ADC: 1
- Serial Interface: 1
- WDT: 1
• Built in Noise Immunity Circuit
- Noise filter
- Power fail processor
• Power Down Mode
- STOP mode
• 2.2V to 5.5V Wide Operating Range
• 1~10MHz Wide Operating Frequency
• 64SDIP, 64MQFP, 64LQFP package types
• Available 16K, 24K bytes OTP version
Device name
ROM Size
RAM Size
OTP
Package
GMS81508B
8K bytes
448 bytes
GMS81516BT
64SDIP, 64MQFP,
64LQFP
GMS81516B
16K bytes
448 bytes
GMS81516BT
GMS81524B
24K bytes
448 bytes
GMS81524BT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100