Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 78 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 78 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 74Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 75Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 76Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 77Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 78Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 79Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 80Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 81Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 82Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
GMS81C2112/GMS81C2120
72
JUNE. 2001 Ver 1.00
17. Power Saving Mode
For applications where power consumption is a critical
factor, device provides four kinds of power saving func-
tions, STOP mode, Sub-active mode and Wake-up Timer
mode (Stand-by mode, Watch mode). Table 17-1 shows
the status of each Power Saving Mode.
The power saving function is activated by execution of
STOP instruction and by execution of STOP instruction af-
ter setting the corresponding status (WAKEUP) of
CKCTLR. We shows the release sources from each Power
Saving Mode
Peripheral
STOP Mode
Wake-up Timer
Mode
Stand-by Mode
RAM
Retain
Retain
Control Registers
Retain
Retain
I/O Ports
Retain
Retain
CPU
Stop
Stop
Timer0
Stop
Operation
Oscillation
Stop
Oscillation
Prescaler
Stop
÷ 2048 only
Entering Condition
[WAKEUP]
01
Table 17-1 Power Saving Mode
Release Source
STOP Mode
Wake-up Timer
Mode
Stand-by Mode
RESET
O
O
RCWDT
O
O
EXT.INT0
OO
EXT.INT1
Timer0
X
O
Table 17-2 Release Sources from Power Saving Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn