Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 83 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 83 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 79Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 80Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 81Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 82Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 83Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 84Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 85Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 86Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 87Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
77
Figure 17-5 Internal RCWDT Mode Releasing by External Interrupt or WDT Interrupt
Figure 17-6 Internal RCWDT Mode Releasing by RESET
17.5 Minimizing Current Consumption
The Stop mode is designed to reduce power consumption.
To minimize current drawn during Stop mode, the user
should turn-off output drivers that are sourcing or sinking
current, if it is practical.
Note: In the STOP operation, the power dissipation asso-
ciated with the oscillator and the internal hardware is low-
ered; however, the power dissipation associated with the
pin interface (depending on the external circuitry and pro-
gram) is not directly determined by the hardware operation
of the STOP feature. This point should be little current flows
when the input level is stable at the power voltage level
(VDD/VSS); however, when the input level becomes higher
RCWDT Mode
Normal Operation
Oscillator
(XI pin)
N+1
N
N+2
00
01
FE
FF
00
00
N-1
N-2
Clear Basic Interval Timer
STOP Instruction Execution
Normal Operation
Stabilization Time
tST > 20mS
Internal
Clock
External
Interrupt
BIT
Counter
Internal
RC Clock
( or WDT Interrupt )
Oscillator
(XI pin)
Internal
Clock
Internal
RC Clock
Time can not be control by software
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
RESET by WDT
RESET
RESET
RCWDT Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn