Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 87 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 87 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 83Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 84Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 85Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 86Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 87Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 88Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 89Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 90Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 91Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
81
20. POWER FAIL PROCESSOR
The GMS81C21xx has an on-chip power fail detection cir-
cuitry to immunize against power noise. A configuration
register, PFDR, can enable or disable the power fail detect
circuitry. Whenever VDD falls close to or below power fail
voltage for 100ns, the power fail situation may reset or
freeze MCU according to PFDM bit of PFDR. Refer to
“7.4 DC Electrical Characteristics for Standard Pins(5V)”
on page 14.
In the in-circuit emulator, power fail function is not imple-
mented and user can not experiment with it. Therefore, af-
ter final development of user program, this function may
be experimented or evaluated.
Note: User can select power fail voltage level according to
PFD0, PFD1 bit of CONFIG register(703FH) at the OTP
(GMS87C21xx) but must select the power fail voltage level
to define PFD option of “Mask Order & Verification Sheet”
at the mask chip(GMS81C21xx).
Because the power fail voltage level of mask chip
(GMS81C21xx) is determined according to mask option.
Note: If power fail voltage is selected to 3.0V on 3V oper-
ation, MCU is freezed at all the times.
Table 20-1 Power fail processor
.
Figure 20-1 Power Fail Voltage Detector Register
Power FailFunction
OTP
MASK
Enable/Disable
PFDIS flag
PFDIS flag
Level Selection
PFS0 bit
PFS1 bit
Mask option
PFDM
7
6543210
PFS
INITIAL VALUE: ---- -100B
ADDRESS: 0EFH
PFDR
R/W
R/W
R/W
PFDIS
Operation Mode
0 : Normal operation regardless of power fail
1 : MCU will be reset by power fail detection
Disable Flag
0: Power fail detection enable
1: Power fail detection disable
Power Fail Status
0: Normal operate
1: Set to “1” if power fail is detected


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn