Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 93 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 93 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 89Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 90Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 91Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 92Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 93Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 94Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 95Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 96Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 97Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
87
Figure 21-5 Programming Flow Chart
EPROM Enable Delay Time after THLD1
TDLY1
200
nS
EPROM Enable Hold Time in Write Mode
THLD2
100
nS
EPROM Enable Delay Time after THLD2
TDLY2
200
nS
CTL2,1 Setup Time after Low Address input and Data input
TCD1
100
nS
CTL1 Setup Time before Data output in Read and Verify Mode
TCD2
100
nS
Table 21-2 AC/DC Requirements for Program/Read Mode
START
Set VDD=VDD1H
Set VPP=VIHP
Verify blank
First Address Location
EPROM Write
N=1
Verify
Last address
Apply 3x program cycle
100uS program time
Next address location
N

Report
Programming failure
Verify of all address
VDD=6V & 2.7V
Report
Verify failure
Report
Programming OK
VDD=0V
END
FAIL
PASS
PASS
YES
FAIL
NO
FAIL
YES
PASS
VPP=0V
?
Verify
N=N+1
NO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn