Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 14 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/ko/index.jsp
Logo 

GMS81C2112 Datasheet(HTML) 14 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
GMS81C2112/GMS81C2120
8
JUNE. 2001 Ver 1.00
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
AVSS: ADC circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
RA(Vdisp): RA is one-bit high-voltage input only port pin.
In addition, RA serves the functions of the Vdisp special
features. Vdisp is used as a high-voltage input power supply
pin when selected by the mask option.
R00~R07: R0 is an 8-bit high-voltage CMOS bidirectional
I/O port. R0 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs. In addition, R0
serves the functions of the various following special fea-
tures.
R20~R27: R2 is an 8-bit high-voltage CMOS bidirectional
I/O port. R2 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R30~R34: R3 is a 5-bit high-voltage CMOS bidirectional
I/O port. R3 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R53~R57: R5 is an 5-bit CMOS bidirectional I/O port. R5
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R5 serves the func-
tions of the various following special features.
R60~R67: R6 is an 8-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R6 is shared with the
ADC input.
Port pin
Alternate function
RA
Vdisp (High-voltage input power supply)
Port pin
Alternate function
R00
R01
R02
R03
INT0 (External interrupt 0)
INT1 (External interrupt 1)
EC0 (Event counter input)
BUZO (Buzzer driver output)
Port pin
Alternate function
R53
R54
R55
R56
SCLK (Serial clock)
SIN (Serial data input)
SOUT (Serial data output)
PWM1O (PWM1 Output)
T1O (Timer/Counter 1 output)
Port pin
Alternate function
R60
R61
R62
R63
R64
R66
R66
R67
AN0 (Analog Input 0)
AN1 (Analog Input 1)
AN2 (Analog Input 2)
AN3 (Analog Input 3)
AN4 (Analog Input 4)
AN5 (Analog Input 5)
AN6 (Analog Input 6)
AN7 (Analog Input 7)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn