Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 15 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 11Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 12Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 13Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 14Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 15Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 16Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 17Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 18Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
9
PIN NAME
In/Out
Function
Basic
Alternate
VDD
-
Supply voltage
VSS
-
Circuit ground
RA (Vdisp)
I(I)
1-bit high-voltage Input only port
High-voltage input power supply pin
RESET
I
Reset signal input
XIN
I
Oscillation input
XOUT
O
Oscillation output
R00 (INT0)
I/O (I)
8-bit high-voltage I/O ports
External interrupt 0 input
R01 (INT1)
I/O (I)
External interrupt 1 input
R02 (EC0)
I/O (I)
Timer/Counter 0 external input
R03 (BUZO)
I/O (O)
Buzzer driving output
R04~R07
I/O
R20~R27
I/O
8-bit high-voltage I/O ports
R30~R34
I/O
5-bit high-voltage I/O ports
R53 (SCLK)
I/O (I/O)
5-bit high-voltage I/O ports
Serial clock source
R54 (SIN)
I/O (I)
Serial data input
R55 (SOUT)
I/O (O)
Serial data output
R56 (PWM1O/T1O)
I/O (O)
PWM 1 pulse output /Timer/Counter 1 out-
put
R57
I/O
R60~R67 (AN0~AN7)
I/O (I)
8-bit general I/O ports
Analog voltage input
AVDD
-
Supply voltage input pin for ADC
AVSS
-
Ground level input pin for ADC
VDD
-
Supply voltage
VSS
-
Circuit ground
Table 5-1 GMS81C2120 Port Function Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn