Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 20 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/ko/index.jsp
Logo 

GMS81C2112 Datasheet(HTML) 20 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
GMS81C2112/GMS81C2120
14
JUNE. 2001 Ver 1.00
7.4 DC Electrical Characteristics for Standard Pins(5V)
(VDD = 5.0V ± 10%, VSS = 0V, TA = -40 ~ 85°C, fXIN = 4 MHz, Vdisp = VDD-40V to VDD),
Parameter
Pin
Symbol
Test Condition
Specification
Unit
Min
Typ.1
1. Data in “Typ.” column is at 4.5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Input High Voltage
XIN
VIH1
External Clock
0.9VDD
VDD+0.3
V
RESET,SIN,R55,SCLK,
INT0&1,EC0
VIH2
0.8VDD
VDD+0.3
R53~R57,R6
VIH3
0.7VDD
VDD+0.3
Input Low Voltage
XIN
VIL1
External Clock
-0.3
0.1VDD
V
RESET,SIN,,R55,SCLK,
INT0&1,EC0
VIL2
-0.3
0.2VDD
R53~R57,R6
VIL3
-0.3
0.3VDD
Output High
Voltage
R53~R57,R6,BUZO,
PWM1O/T1O,SCLK,SOUT
VOH
IOH = -0.5mA
VDD-0.5
V
Output Low
Voltage
R53~R57,R6,BUZO,
PWM1O/T1O,SCLK,SOUT
VOL1
VOL2
IOL = 1.6mA
IOL = 10mA
0.4
2
V
Input High
Leakage Current
R53~R57,R6
IIH1
1uA
Input Low
Leakage Current
R53~R57,R6
IIL1
-1
uA
Input Pull-up
Current(*Option)
R53~R57,R6
IPU
50
100
180
uA
Power Fail
Detect Voltage
VDD
VPFD
2.7
V
Current dissipation
in active mode
VDD
IDD
fXIN=4.5MHz
8
mA
Current dissipation
in standby mode
VDD
ISTBY
fXIN=4.5MHz
3
mA
Current dissipation
in stop mode
VDD
ISTOP
fXIN=Off
fSXIN=32.7KHz
10
uA
Hysteresis
RESET,SIN,R55,SCLK,
INT0,INT1,EC0
VT+~VT-
0.4
V
Internal RC WDT
Frequency
XOUT
TRCWDT
830
KHz
RC Oscillation
Frequency
XOUT
fRCOSC
R= 120K
1.522.5
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn