Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 24 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/ko/index.jsp
Logo 

GMS81C2112 Datasheet(HTML) 24 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 24 / 107 page
background image
GMS81C2112/GMS81C2120
18
JUNE. 2001 Ver 1.00
7.8 Typical Characteristics
This graphs and tables provided in this section are for de-
sign guidance only and are not tested or guaranteed.
In some graphs or tables the data presented are out-
side specified operating range (e.g. outside specified
VDD range). This is for information only and devices
are guaranteed to operate properly only within the
specified range.
The data presented in this section is a statistical summary
of data collected on units from different lots over a period
of time. “Typical” represents the mean of the distribution
while “max” or “min” represents (mean + 3
σ) and (mean −
3
σ) respectively where σ is standard deviation
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
4.6
4.7
4.8
4.9
5.0 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOH
VOH
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
3.6
3.7
3.8
3.9
4.0 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOH
VOH
IOH−VOH
-1.6
-1.2
-0.8
-0.4
0
2.6
2.7
2.8
2.9
3.0 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOH
VOH
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOL
VOL
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOL
VOL
IOL−VOL
16
12
8
4
0
0.6
0.8
1.0
1.2
1.4 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOL
VOL
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=5.0V
(mA)
IOH
VOH
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=4.0V
(mA)
IOH
VOH
IOH−VOH
-16
-12
-8
-4
0
1.0
2.0
3.0
4.0
5.0 (V)
Ta=25
°C
VDD=3.0V
(mA)
IOH
VOH
R40~R43, R6, R53~R57
BUZO, PWM1O/T1O
SCLK, SOUT pins
R0, R2,RA
R30~R34 pins
R40~R43, R6, R53~R57
BUZO, PWM1O/T1O
SCLK, SOUT pins


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn