Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 50 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 50 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 46Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 47Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 48Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 49Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 50Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 51Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 52Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 53Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 54Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
GMS81C2112/GMS81C2120
44
JUNE. 2001 Ver 1.00
12.1 8-bit Timer / Counter Mode
The GMS81C21xx has two 8-bit Timer/Counters, Timer 0,
Timer 1 as shown in Figure 12-2.
The "timer" or "counter" function is selected by mode reg-
isters TMx as shown in Figure 12-1 and Table 12-1. To use
as an 8-bit timer/counter mode, bit CAP0 of TM0 is
cleared to "0" and bits 16BIT of TM1 should be cleared to
“0”(Table 12-1).
Figure 12-2 8-bit Timer/Counter 0, 1
EC0 PIN
÷2
÷4
÷8
XIN PIN
MUX
clear
0: Stop
1: Clear and start
T0ST
T0CK[2:0]
111
000
001
010
T0CN
MUX
T1IF
clear
0: Stop
1: Clear and start
T1ST
T1CK[1:0]
11
00
01
TIMER 1
INTERRUPT
÷1
÷2
÷8
TDR0 (8-bit)
TDR1 (8-bit)
T1 (8-bit)
T0 (8-bit)
Comparator
Comparator
TIMER 0
TIMER 1
T1O PIN
F/F
BTCL
7
654
321
0
-
-T0CN
INITIAL VALUE: --000000B
ADDRESS: 0D0H
TM0
T0ST
T0CK0
T0CK1
CAP0 T0CK2
--
X
X
X
X
X means don’t care
÷
÷
÷512
÷2048
011
100
101
110
T0IF
TIMER 0
INTERRUPT
T0O PIN
F/F
T1CN
10
INITIAL VALUE: 00H
ADDRESS: 0D2H
TM1
X means don’t care
0X
BTCL
7
654
321
0
16BIT
POL
T1CN T1ST
T1CK0
T1CK1
PWM1E
CAP1
X0
X
X
X
X
00
EDGE
DETECTOR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn