Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 51 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/ko/index.jsp
Logo 

GMS81C2112 Datasheet(HTML) 51 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
45
Example 1:
Timer0 = 2ms 8-bit timer mode at 4MHz
Timer1 = 0.5ms 8-bit timer mode at 4MHz
LDM
TDR0,#250
LDM
TDR1,#250
LDM
TM0,#0000_1111B
LDM
TM1,#0000_1011B
SET1
T0E
SET1
T1E
EI
Example 2:
Timer0 = 8-bit event counter mode
Timer1 = 0.5ms 8-bit timer mode at 4MHz
LDM
TDR0,#250
LDM
TDR1,#250
LDM
TM0,#0001_1111B
LDM
TM1,#0000_1011B
SET1
T0E
SET1
T1E
EI
Note: The contents of Timer data register TDRx should be
initialized 1H~FFH, not 0H, because it is undefined after re-
set.
These timers have each 8-bit count register and data regis-
ter. The count register is increased by every internal or ex-
ternal clock input. The internal clock has a prescaler divide
ratio option of 2, 4, 8, 32,128, 512, 2048 selected by con-
trol bits T0CK[2:0] of register (TM0) and 1, 2, 8 selected
by control bits T1CK[1:0] of register (TM1). In the Timer
0, timer register T0 increases from 00H until it matches
TDR0 and then reset to 00H. The match output of Timer 0
generates Timer 0 interrupt (latched in T0IF bit). As TDRx
and Tx register are in same address, when reading it as a
Tx, written to TDRx.
In counter function, the counter is increased every 0-to-
1(1-to-0) (rising & falling edge) transition of EC0 pin. In
order to use counter function, the bit EC0 of the R0 Func-
tion Selection Register
(R0FUNC.2) is set to "1". The Timer
0 can be used as a counter by pin EC0 input, but Timer 1
can not.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn