Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 61 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 57Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 58Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 59Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 60Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 61Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 62Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 63Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 64Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
GMS81C2112/GMS81C2120
JUNE. 2001 Ver 1.00
55
Figure 12-13 Example of PWM at 4MHz
Figure 12-14 Example of Changing the Period in Absolute Duty Cycle (@4MHz)
Source
T1
PWM1O
02
03
04
05
7F
80
81
02
03
[POL=1]
PWM1O
[POL=0]
Duty Cycle [ 80H x 250nS = 32uS ]
Period Cycle [ 3FFH x 250nS = 255.75uS, 3.9KHz ]
PWM1HR = 0CH
T1PPR = FFH
T1PDR = 80H
T1CK[1:0] = 00 ( fXI )
PWM1HR3 PWM1HR2
PWM1HR1 PWM1HR0
T1PPR (8-bit)
T1PDR (8-bit)
Period
Duty
11
FFH
00
80H
01
00
clock
PWM1E
T1ST
T1CN
01
00
3FF
Source
T1
PWM1O
POL=1
Duty Cycle
Period Cycle [ 0EH x 2uS = 28uS, 35.5KHz ]
PW M 1 HR = 0 0H
T 1 PPR = 0 E H
T 1 PDR = 0 5H
T1C K [1:0] = 10 ( 1uS )
02
03
04
05
06
08
09
0B 0C 0D 0E
01 02
03
04
05
06 07
08
09
0A
01 02
03 04
07
0A
05
[ 05H x 2uS = 10uS ]
Duty Cycle
[ 05H x 2uS = 10uS ]
Period Cycle [ 0AH x 2uS = 20uS, 50KHz ]
Duty Cycle
[ 05H x 2uS = 10uS ]
Write T1PPR to 0AH
Period changed
clock
01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn