Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 62 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 62 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 58Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 59Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 60Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 61Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 62Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 63Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 64Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 65Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 66Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
GMS81C2112/GMS81C2120
56
JUNE. 2001 Ver 1.00
13. ANALOG DIGITAL CONVERTER
The analog-to-digital converter (A/D) allows conversion
of an analog input signal to a corresponding 8-bit digital
value. The A/D module has eight analog inputs, which are
multiplexed into one sample and hold. The output of the
sample and hold is the input into the converter, which gen-
erates the result via successive approximation. The analog
supply voltage is connected to AVDD of ladder resistance
of A/D module.
The A/D module has two registers which are the control
register ADCM and A/D result register ADR. The register
ADCM, shown in Figure 13-1, controls the operation of
the A/D converter module. The port pins can be configured
as analog inputs or digital I/O.
To use analog inputs, each port is assigned analog input
port by setting the bit ANSEL[7:0] in R6FUNC register.
And selected the corresponding channel to be converted by
setting ADS[3:0].
How to Use A/D Converter
The processing of conversion is start when the start bit
ADST is set to "1". After one cycle, it is cleared by hard-
ware. The register ADCR contains the results of the A/D
conversion. When the conversion is completed, the result
is loaded into the ADCR, the A/D conversion status bit
ADSF is set to "1", and the A/D interrupt flag ADIF is set.
The block diagram of the A/D module is shown in Figure
13-2. The A/D status bit ADSF is set automatically when
A/D conversion is completed, cleared when A/D conver-
sion is in process. The conversion time takes maximum 20
uS (at fXI=4 MHz)
Figure 13-1 A/D Converter Control Register
BTCL
765
432
10
-
ADST
A/D status bit
Analog input channel select
INITIAL VALUE: -0-0 0001B
ADDRESS: 0EAH
ADCM
ADSF
A/D converter Enable bit
0: A/D converter module turn off and
current is not flow.
1: Enable A/D converter
R/W
R/W
R/W
R/W
R/W
R
000: Channel 0 (AN0)
001: Channel 1 (AN1)
010: Channel 2 (AN2)
011: Channel 3 (AN3)
100: Channel 4 (AN4)
101: Channel 5 (AN5)
110: Channel 6 (AN6)
111: Channel 7 (AN7)
0: A/D conversion is in progress
1: A/D conversion is completed
A/D start bit
Setting this bit starts an A/D conversion.
After one cycle, bit is cleared to “0” by hardware.
ADS1 ADS0
-
ADS2
INITIAL VALUE: Undefined
ADDRESS: 0EBH
ADCR
A/D Conversion Data
BTCL
76
54
32
10
RRR
R
R
R
R
R
ADEN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn