Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GMS81C2112 Datasheet(PDF) 68 Page - Hynix Semiconductor

No. de Pieza. GMS81C2112
Descripción  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Descarga  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2112 Datasheet(HTML) 68 Page - Hynix Semiconductor

Back Button GMS81C2112 Hoja de datos HTML 64Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 65Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 66Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 67Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 68Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 69Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 70Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 71Page - Hynix Semiconductor GMS81C2112 Hoja de datos HTML 72Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
GMS81C2112/GMS81C2120
62
JUNE. 2001 Ver 1.00
14.2 The method of Serial I/O
 Select transmission/receiving mode
Note: When external clock is used, the frequency should
be less than 1MHz and recommended duty is 50%.
 In case of sending mode, write data to be send to SIOR.
 Set SIOST to “1” to start serial transmission.
Note: If both transmission mode is selected and transmis-
sion is performed simultaneously it would be made error.
The SIO interrupt is generated at the completion of SIO
and SIOSF is set to “1”. In SIO interrupt service routine,
correct transmission should be tested.
In case of receiving mode, the received data is acquired
by reading the SIOR.
14.3 The Method to Test Correct Transmission
Figure 14-5 Serial Method to Test Transmission
Serial I/O Interrupt
Service Routine
SE = 0
Write SIOM
Normal Operation
Overrun Error
Abnormal
SIOSF
0
1
- SE : Interrupt Enable Register Low IENL(Bit3)
- SR : Interrupt Request Flag Register Low IRQL(Bit3)
SR
0
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn