Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GMS81C5108 Datasheet(PDF) 4 Page - Hynix Semiconductor

No. de pieza GMS81C5108
Descripción Electrónicos  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C5108 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS81C5108 Datasheet HTML 1Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 2Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 3Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 4Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 5Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 6Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 7Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 8Page - Hynix Semiconductor GMS81C5108 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
GMS81C5108
JUNE 2001 Ver 1.0
1
GMS81C5108
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH LCD CONTROLLER/DRIVER AND
INFRARED REMOTE CONTROL TRANSMITTERS
1. OVERVIEW
1.1 Description
The GMS81C5108 is an advanced CMOS 8-bit microcontroller with 8K bytes of ROM. The device is one of GMS800 fam-
ily. The Hynix GMS81C5108 is a powerful microcontroller which provides a high flexibility and cost effective solution to
many LCD applications. The GMS81C5108 provides the following standard features: 8K bytes of ROM, 192 bytes of RAM,
37 Nibbles of Display RAM, 8/16-bit timer/counter, on-chip oscillator and clock circuitry. In addition, the GMS81C5108
supports power saving modes to reduce power consumption.
This document is only explained for the base of GMS81C5108, the eliminated functions are same as below.
1.2 Features
• 8K Bytes of On-chip Program Memory
• 192 Bytes of On-chip Data RAM
• 37 Nibbles of Display RAM
• Instruction Cycle Time:
- 1us at 4MHz (2 cycle NOP instruction)
• 24 Programmable I/O pins
• 2V to 4V Operating Range
• Dual Clock Operation
- main : 400kHz ~ 4.2MHz
- sub. : 32.768kHz
• One 8-bit Basic Interval Timer/Counter
• Key Scan Interrupt
• Two 8-bit Timer/ Counter
(It can be used one 16-bit Timer/Counter)
• Watch Timer (2Hz, 4Hz, 16Hz, 1/64Hz)
• 8-bit Serial I/O (SIO)
• One 10-bit High Speed PWM Output
• Carrier Generator for Remote Controller
• 11 Interrupt sources
- 3 External interrupts (INT0 ~ 2)
- 8 Internal interrupts (BIT, Timer
× 2, WT,
A/DC, SIO, REM, Keyscan)
• 6-bit Buzzer Driving port
- 500Hz ~ 250kHz (@4MHz)
• 4-channel 8-bit On-chip A/D Converter
• Power Saving Mode
- STOP, SLEEP, Sub Active mode
• LCD display/controller (LCDC)
- Static Mode
(37Seg
× 1Com, 1/3 Bias)
- 1/2 Duty Mode (36Seg
× 2Com, 1/3 Bias)
- 1/3 Duty Mode (35Seg
× 3Com, 1/3 Bias)
- 1/4 Duty Mode (34Seg
× 4Com, 1/3 Bias)
• LCD Display Voltage Booster
• Supply Voltage Detector(SVD)
- 2 level detector (2.2V, 1.7V)
Device name
ROM Size
OTP Size
RAM Size
I/O
Package
GMS81C5108
8K bytes
-
192 bytes
24
80QFP
GMS87C5108
8K bytes
192bytes
24
80QFP


Número de pieza similar - GMS81C5108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GMS81C50 HYNIX-GMS81C50 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5016 HYNIX-GMS81C5016 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
GMS81C5024 HYNIX-GMS81C5024 Datasheet
1Mb / 99P
   8-BIT SINGLE CHIP MICROCONTROLLERS
More results

Descripción similar - GMS81C5108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com