Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GMS81C7008 Datasheet(PDF) 40 Page - Hynix Semiconductor

No. de pieza GMS81C7008
Descripción Electrónicos  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C7008 Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button GMS81C7008 Datasheet HTML 36Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 37Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 38Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 39Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 40Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 41Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 42Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 43Page - Hynix Semiconductor GMS81C7008 Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 123 page
background image
GMS81C7008/7016
36
APR., 2001 Ver 2.01
R4 and R4DD register: R4 is an 8-bit CMOS bidirectional I/O
port (address 0C4H). Each I/O pin can independently used as an
input or an output through the R4DD register (address 0CCH).
After Reset, R4 po rt is used as LCD segmen t o utput
SEG0~SEG7. To use general I/O ports user should be written ap-
propriate value into the LPMR (0F3H).
R5 and R5DD register: R5 is an 8-bit CMOS bidirectional I/O
port (address 0C5H). Each I/O pin can independently used as an
input or an output through the R4DD register (address 0CDH).
After Reset, R5 po rt is used as LCD segmen t o utput
SEG8~SEG15. To use general I/O ports user should be written
appropriate value into the LPMR (0F3H).
R6 and R6DD register: R6 is an 8-bit CMOS bidirectional I/O
port (address 0C6H). Each I/O pin can independently used as an
input or an output through the R6DD register (address 0CEH).
After Re set, R6 p ort is u s ed as LC D segm ent outpu t
SEG16~SEG23. To use general I/O ports user should be written
appropriate value into the LPMR (0F3H).
LCD pin function
Port pin
SEG0 (LCD segment 0 signal output)
SEG1 (LCD segment 1 signal output)
SEG2 (LCD segment 2 signal output)
SEG3 (LCD segment 3 signal output)
SEG4 (LCD segment 4 signal output)
SEG5 (LCD segment 5 signal output)
SEG6 (LCD segment 6 signal output)
SEG7 (LCD segment 7 signal output)
R40
R41
R42
R43
R44
R45
R46
R47
LCD pin function
Port pin
SEG8 (LCD segment 8 signal output)
SEG9 (LCD segment 9 signal output)
SEG10 (LCD segment 10 signal output)
SEG11 (LCD segment 11 signal output)
SEG12 (LCD segment 12 signal output)
SEG13 (LCD segment 13 signal output)
SEG14 (LCD segment 14 signal output)
SEG15 (LCD segment 15 signal output)
R50
R51
R52
R53
R54
R55
R56
R57
R4 Data Register
R4
ADDRESS: 0C4H
RESET VALUE: 00H
R47 R46 R45 R44 R43 R42 R41 R40
Port Direction
R4 Direction Register
R4DD
ADDRESS: 0CCH
RESET VALUE: 00H
0: Input
1: Output
Input / Output data
LCD pin function
Port pin
SEG16 (LCD segment 16 signal output)
SEG17 (LCD segment 17 signal output)
SEG18 (LCD segment 18 signal output)
SEG19 (LCD segment 19 signal output)
SEG20 (LCD segment 20 signal output)
SEG21 (LCD segment 21 signal output)
SEG22 (LCD segment 22 signal output)
SEG23 (LCD segment 23 signal output)
R60
R61
R62
R63
R64
R66
R66
R67
R5 Data Register
R5
ADDRESS: 0C5H
RESET VALUE: 00H
R57 R56 R55 R54 R53 R52 R51 R50
Port Direction
R5 Direction Register
R5DD
ADDRESS: 0CDH
RESET VALUE: 00H
0: Input
1: Output
Input / Output data
R6 Data Register
R6
ADDRESS: 0C6H
RESET VALUE: 00H
R67 R66 R65 R64 R63 R62 R61 R60
Port Direction
R6 Direction Register
R6DD
ADDRESS: 0CEH
RESET VALUE: 00H
0: Input
1: Output
Input / Output data


Número de pieza similar - GMS81C7008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GMS81C7208 ETC1-GMS81C7208 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208LQ ETC1-GMS81C7208LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7208Q ETC1-GMS81C7208Q Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7216LQ ETC1-GMS81C7216LQ Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Descripción similar - GMS81C7008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com