Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS80C51RB2 Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza TS80C51RB2
Descripción Electrónicos  UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RB2 Datasheet(HTML) 2 Page - ATMEL Corporation

  TS80C51RB2_14 Datasheet HTML 1Page - ATMEL Corporation TS80C51RB2_14 Datasheet HTML 2Page - ATMEL Corporation TS80C51RB2_14 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
4154D–8051–03/08
A/TS8xC51Rx2
3.
JBC/Double IT When External IT Occurs During JBC Instruction
On polling algorithm in ISR on IE1 or IE0, when the external IT appears during JBC instruction, the flag is not cleared. On
the next JBC instruction another IT is pending. Therefore, the same IT is seen twice.
Workaround
Use JB Instruction instead of JBC instruction to test bit and CLR instruction to clear it.n twice.
4.
Timer2/Downcounter Mode/Double IT with Slow External Clock
Double IT with slow external clock in downcount mode. Timer 2 in 16-bit autoreload in count-down mode with external clock
input two interrupts are generated successively with low frequency on clock input (typ 10-40 KHz).
Workaround
Reload FFFE into TH2-TL2 in ISR and count down to RCAP-1 (to recover cycle lost in ISR)
Caution: do not work if initially RCAP = 0x0000
5.
Input Trigger Consumption/All C51 Type I/O Ports
Some static consumption in input triggers of I/O ports may occur when entries are driven close to the trigger threshold
(1 mA to 2 mA for each I/O at Vin = 2.4V for Vcc = 5V)
Workaround
None.
6.
Movx/Port0/Read Mode
When reading External Ram using Movx instruction, Port0’s SFR may contain ‘0’ whereas any acces to external memories
(data or program) should write ’1’ into them .
‘0’ is written to each bit of the Port0 buffers prior to a Movx access. This problem has no consequence when the Movx cycle
is a write, as the correct value is immediately substitued and is present on Port0 during the duration of the write pulse
(WR = 0). When the Movx is a read, the strong internal pull-down N transistor creates a short circuit with the external RAM
buffer or peripheral when the RAM or peripheral reads ‘1’.
Workaround
Replace any movx A,@Ri instruction by the sequence:
Replace any movx A,@DPTR instruction by the sequence:
mov P0, #FFh
mov P0, #FFh
movx A, @Ri
movx A, @DPTR


Número de pieza similar - TS80C51RB2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2-LCA IRF-TS80C51RA2-LCA Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
More results

Descripción similar - TS80C51RB2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
48Kb / 3P
   UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
AT80C51RA2 ATMEL-AT80C51RA2_14 Datasheet
68Kb / 3P
   UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
TS87C51RB2 ATMEL-TS87C51RB2_14 Datasheet
68Kb / 3P
   UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
T83C5101 ATMEL-T83C5101_14 Datasheet
48Kb / 3P
   UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
T87C5101 ATMEL-T87C5101 Datasheet
48Kb / 3P
   ART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
   Supports the detection of UART
logo
ATMEL Corporation
AT83C51IC2 ATMEL-AT83C51IC2_14 Datasheet
73Kb / 4P
   During UART Reception, Clearing REN May Generate Unexpected IT
T83C5102 ATMEL-T83C5102 Datasheet
48Kb / 3P
   During UART Reception, Clearing REN May Generate Unexpected IT
AT89C51RD2 ATMEL-AT89C51RD2_14 Datasheet
55Kb / 4P
   During UART Reception, Clearing REN May Generate Unexpected IT
AT80C51ID2 ATMEL-AT80C51ID2_14 Datasheet
73Kb / 4P
   During UART Reception, Clearing REN May Generate Unexpected IT
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com