Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GMS90C320 Datasheet(PDF) 32 Page - Hynix Semiconductor

No. de pieza GMS90C320
Descripción Electrónicos  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HYNIX [Hynix Semiconductor]
Página de inicio  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 28Page - Hynix Semiconductor GMS90C320 Datasheet HTML 29Page - Hynix Semiconductor GMS90C320 Datasheet HTML 30Page - Hynix Semiconductor GMS90C320 Datasheet HTML 31Page - Hynix Semiconductor GMS90C320 Datasheet HTML 32Page - Hynix Semiconductor GMS90C320 Datasheet HTML 33Page - Hynix Semiconductor GMS90C320 Datasheet HTML 34Page - Hynix Semiconductor GMS90C320 Datasheet HTML 35Page - Hynix Semiconductor GMS90C320 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
GMS90C320
28
OCT. 2000 Ver 1.2
AC Characteristics for 16MHz version
External Program Memory Characteristics
VCC=5V:
VCC=5V + 10%, −15%; VSS=0V; TA=0°Cto 70°C
(CL for port 0. ALE and PSEN outputs = 100pF; CL for all other outputs = 80pF)
VCC=3.3V:
VCC=3.3V + 0.3V, −0.6V; VSS=0V; TA=0°Cto 70°C
(CL for port0.ALE and PSEN outputs = 50pF; CL for all other outputs = 50pF)
Variable clock:
Vcc = 5V: 1/tCLCL =3.5 MHz to16MHz
Vcc = 3.3V: 1/tCLCL =1 MHz to 16 MHz
Parameter
Symbol
16 MHz Oscillator
Variable Oscillator
1/tCLCL =3.5 to 16MHz
Unit
Min.
Max.
Min.
Max.
ALE pulse width
tLHLL
85
-
2tCLCL-40
-
ns
Address setup to ALE
tAVLL
23
-
tCLCL-40
-
ns
Address hold after ALE
tLLAX
43
-
tCLCL-40
-
ns
ALE low to valid instruction in
tLLIV
-150
-
4tCLCL-100
ns
ALE to PSEN
tLLPL
38
-
tCLCL-25
-
ns
PSEN pulse width
tPLPH
153
-
3tCLCL-35
-
ns
PSEN to valid instruction in
tPLIV
-88
-
3tCLCL-100
ns
Input instruction hold after PSEN
tPXIX
0-
0
-
ns
Input instruction float after PSEN
tPXIZ1)
1)
Interfacing the GMS90C320 to devices with float times up to 35 ns is permissible. This limited bus contention will not cause
any damage to port 0 Drivers.
-43
-
tCLCL-20
ns
Address valid after PSEN
tPXAV1)
55
-
tCLCL-8
-
ns
Address to valid instruction in
tAVIV
-198
-
5tCLCL-115
ns
Address float to PSEN
tAZPL
-10
-
-10
-
ns


Número de pieza similar - GMS90C320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GMS90C32 HYNIX-GMS90C32 Datasheet
818Kb / 59P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C32 HYNIX-GMS90C32 Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Descripción similar - GMS90C320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com