Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-V340 Datasheet(PDF) 3 Page - Epson Company

No. de pieza M-V340
Descripción Electrónicos  IMU (Inertial Measurement Unit)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPSON [Epson Company]
Página de inicio  http://www.epsondevice.com
Logo EPSON - Epson Company

M-V340 Datasheet(HTML) 3 Page - Epson Company

  M-V340 Datasheet HTML 1Page - Epson Company M-V340 Datasheet HTML 2Page - Epson Company M-V340 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RECOMMENDED OPERATING CONDITION
Parameter
Condition
Min
Typ
Max
Unit
VCC to GND
3.15
3.3
3.45
V
Digital Input Voltage to GND
GND
VCC
V
Digital Output Voltage to GND
−0.3
VCC
+0.3
V
Calibration temperature range
Performance parameters
are applicable
−20
70
°C
Operating Temperature Range
−40
85
°C
OUTLINE DIMENSIONS
Sensing System Operations Division
421-8 Hino, Hino-shi, Tokyo 191-8501, JAPAN
Phone: +81-42-587-8291
FAX: +81-42-587-5117
NOTICE:
Dimension in Millimeter
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson.
Seiko Epson reserves the right to make changes to this material without notice.
Seiko Epson does not assume any liability of any kind
arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no
representation that this material is applicable to products requiring high level reliability, such as, medical products.
Moreover, no license
to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in
accordance with this material will be free from any patent or copyright infringement of a third party.
This material or portions thereof may
contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan
and may require an export license from the Ministry of Economy, Trade and Industry or other approval from another government agency.
All brands or product names mentioned herein are trademarks and/or registered trademarks of their respective companies.
©Seiko Epson Corporation 2013, All rights reserved
Document code: 412572600
First issue August, 2013 in Japan
Rev.20130717


Descripción similar - M-V340

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
   INERTIAL MEASUREMENT UNIT (IMU)
logo
Epson Company
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
   IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
   IMU (Inertial Measurement Unit)
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
   IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
   IMU (Inertial Measurement Unit)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
   IMU (Inertial Measurement Unit)
logo
Bosch Sensortec GmbH
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
   Accurate, low-power Inertial Measurement Unit (IMU)
BMI261 BOSCH-BMI261 Datasheet
291Kb / 2P
   Smart Inertial Measurement Unit (IMU) for Android??OS
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
   Smart ultra-low power Inertial Measurement Unit (IMU)
BMI263 BOSCH-BMI263 Datasheet
255Kb / 2P
   Smart, MIPI I3CSM I/F Inertial Measurement Unit (IMU)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com