Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDUR2060 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza SDUR2060
Descripción Electrónicos  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDUR2060 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDUR2060 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDUR2060 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1089, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDUR2060
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop*
VF
@20A, Pulse, TJ = 25°C
2.0
V
Max. Reverse Current*
IR
@VR = rated VR
TJ = 25°C
5
μA
Max. Reverse Recovery Time
trr
IF=500mA, IR=1A,and Irm=250mA
50
ns
* Pulse width < 300 µs, duty cycle < 2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
2
K/W
Approximate Weight
wt
-
1.6
g
Case Style
TO-220AC


Número de pieza similar - SDUR2060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMC Diode Solutions Co....
SDUR2060 SMCDIODE-SDUR2060 Datasheet
250Kb / 4P
   SDUR2060 ULTRAFAST RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
SDUR2060CT SMC-SDUR2060CT Datasheet
139Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
SMC Diode Solutions Co....
SDUR2060CT SMCDIODE-SDUR2060CT Datasheet
465Kb / 4P
   SDUR2060CT ULTRAFAST RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
SDUR2060W SMC-SDUR2060W Datasheet
216Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
SMC Diode Solutions Co....
SDUR2060W SMCDIODE-SDUR2060W Datasheet
251Kb / 4P
   SDUR2060W ULTRAFAST RECTIFIER
Rev. A
More results

Descripción similar - SDUR2060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com