Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SPB-9110LVW-T5R3G_2015 Datasheet(PDF) 5 Page - Optoway Technology Inc

No. de Pieza. SPB-9110LVW-T5R3G_2015
Descripción  3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110LVW-T5R3G_2015 Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 1Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 2Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 3Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 4Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 5Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPB-9110LVW-T5R3G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
5
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
RX-
RX+
Vcc_TX
Vcc_RX
NC
TX_FAULT
NC
TX_DIS
16
15
8
9
17
VCC 3.3V
10
RX_LOS
SCL
SDA
4.7K
5
6
NC
TX-
TX+
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
4.7K
RD -
RD +
Re-Clocker
I2C DATA
I2C CLK
VCC 3.3V
20
TX_DIS
100
Ω Differential
18
19
TD +
TD -
Re-Clocker
TX_FAULT
RX_LOS
4.7K
4.7K
VCC 3.3V
VCC 3.3V
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn