Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SPB-9110LVW-T5R3G_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

No. de Pieza. SPB-9110LVW-T5R3G_2015
Descripción  3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  OPTOWAY [Optoway Technology Inc]
Página de inicio  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110LVW-T5R3G_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 1Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 2Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 3Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 4Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 5Page - Optoway Technology Inc SPB-9110LVW-T5R3G_2015 Hoja de datos HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9110LVW-T5R3G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
1
SPB-9110LVW-T5R3G
(RoHS Compliant)
1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video Digital Diagnostic SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Speed from 50 Mbps to 3Gbps with up to 30 km
Single-mode Fiber
l Distance up to 10 km for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l 1550 nm Transmitter
l 1310 nm Receiver
l SFF-8472 Digital Diagnostic Function
l Simplex LC Connector
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPB-9110LVW-T5R3G is a 1-fibre BIDI single mode
transceiver module designed to transmit/receive optical
serial digital signals as defined in SMPTE 297-2006. It
supports from 50 Mbps to 3 Gbps and is specifically
designed for transmitted the SMPTE 259M, SMPTE 344M,
SMPTE 292M and SMPTE 424M SDI pathological
patterns. It is with the SFP 20-pin connector to allow hot
plug capability. Digital diagnostic functions are available
via an I
2C. It is with 1550 nm DFB laser transmitters. The
receiver section uses an integrated 1310 nm detector
preamplifier mounted in an optical header and a limiting
post-amplifier IC. The transmitter can transmit signal from
50 Mbps to 3 Gbps with up to 30 km of single-mode fiber.
A maximum distance of 10 km is achievable with 3Gbps
pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-9110LVW-T5R3G 1-TX+1-RX 50 to 3000 1550 DFB
-3 to -8
1310
0 to -20 LC SFP with DMI
0 to 70
Yes
SPB-9110LVW-T3R5G 1-TX+1-RX 50 to 3000
1310
0 to -5
1550
0 to -20 LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
10
HD-SDI
1.485Gbps
21
SD-SDI
270Mbps
30


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn