Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SM6T22CAY Datasheet(PDF) 1 Page - STMicroelectronics

No. de Pieza. SM6T22CAY
Descripción  Automotive 600 W Transil
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

SM6T22CAY Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
November 2014
DocID17741 Rev 5
1/12
SM6TY
Automotive 600 W Transil™
Datasheet
- production data
Features
• Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
• Stand-off voltage range: from 6 V to 70 V
• Unidirectional and bidirectional types
• Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
• Operating Tj max: 150 °C
• High power capability at Tj max:
– 515 W (10/1000 µs)
• JEDEC registered package outline
• Resin meets UL 94, V0
• AEC-Q101 qualified
Complies with the following standards
• ISO 10605, C = 150 pF, R = 330 Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 10605, C = 330 pF, R = 330 Ω:
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 7637-2(a)
– Pulse 1: VS = -150 V
– Pulse 2a: VS = +112 V
– Pulse 3a: VS = -220 V
– Pulse 3b: VS = +150 V
Description
The SM6TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according ISO 10605.
The planar technology makes this device
compatible with high-end circuits where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. SM6TY are packaged in SMB (SMB
footprint in accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
www.st.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn