Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SM6T22CAY Datasheet(PDF) 11 Page - STMicroelectronics

No. de Pieza. SM6T22CAY
Descripción  Automotive 600 W Transil
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

SM6T22CAY Datasheet(HTML) 11 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID17741 Rev 5
11/12
SM6TY
Ordering information
12
4
Ordering information
Figure 19. Ordering information scheme
5
Revision history
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6TxxxAy/CAy(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMB
0.11 g
2500
Tape and reel
SM
6 T XX
CA Y
Surface mount
Peak pulse power
Breakdown voltage
Types
Automotive grade
6 = 600 W Transil in SMB
30 = 30 V
CA = Bidirectional
A = Unidirectional
Table 6. Document revision history
Date
Revision
Changes
15-Sep-2010
1
Initial release.
18-Oct-2011
2
Deleted old Table 2. Thermal parameter. Updated Table 2 and added
order codes inTable 4. Updated Figure 5, Figure 10 and Figure 11.
Updated Complies with the following standards on page 1.
27-Mar-2012
3
Added footnote on page 1.
26-Sep-2014
4
Updated Table 2 and Table 4. Reformatted to current standard.
19-Nov-2014
5
Updated Figure 7 and Figure 8.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn