Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMU17A Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd . |
|
SMU17A Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd . |
1 / 2 page MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL=110 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) NOTES: 1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C. SMU11A THRU SMU17A VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere 1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Metallurgically bonded construction * Polarity: Color band denotes cathode end * Mounting position: Any FEATURES * Ideal for surface mount applications * Easy pick and place * Built-in strain relief * Super fast recovery time for high speed switching Operating and Storage Temperature Range TJ, TSTG DO-214AC(SMA) Dimensions in inches and (millimeters) .205(5.20) .189(4.80) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .087(2.20) .071(1.80) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) MAX. 1.0 30 5.0 500 10 -65 +150 A A V nS pF 35 SMU11A SMU12A SMU13A SMU14A SMU15A SMU16A SMU17A UNITS 50 100 150 200 300 400 600 V 50 100 150 200 300 400 600 V 35 70 105 140 210 280 420 V 0.95 1.3 1.7 C A A 442 |
Número de pieza similar - SMU17A |
|
Descripción similar - SMU17A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |