Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9501 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9501
Descripción Electrónicos  Digitally Programmable Delay Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 3 Page - Analog Devices

  AD9501_15 Datasheet HTML 1Page - Analog Devices AD9501_15 Datasheet HTML 2Page - Analog Devices AD9501_15 Datasheet HTML 3Page - Analog Devices AD9501_15 Datasheet HTML 4Page - Analog Devices AD9501_15 Datasheet HTML 5Page - Analog Devices AD9501_15 Datasheet HTML 6Page - Analog Devices AD9501_15 Datasheet HTML 7Page - Analog Devices AD9501_15 Datasheet HTML 8Page - Analog Devices AD9501_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
AD9501
–3–
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.5 V to +VS
Trigger/Reset Input Voltage Range . . . . . . . . . . –0.5 V to +VS
Minimum RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
W
Digital Output Current (Sourcing) . . . . . . . . . . . . . . . 10 mA
Digital Output Current (Sinking) . . . . . . . . . . . . . . . . 50 mA
DIE LAYOUT AND MECHANICAL INFORMATION
MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . . 89
¥ 153 ¥ 15 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
¥ 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . Ground
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil, Aluminum; Ultrasonic Bonding
or 1 mil, Gold; Gold Ball Bonding
Operating Temperature Range
AD9501JN/JP . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature
2
. . . . . . . . . . . . . . . . . . . . . . . . . 175
∞C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . . 300
∞C
NOTES
1Absolute Maximum Ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability
is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2Typical thermal impedances: 20-lead plastic leaded chip carrier,
qJA = 73∞C/W; qJC = 29∞C/W. 20-lead plastic DIP, qJA = 65∞C/W; qJC = 26∞C/W.
ORDERING GUIDE
Device
Temperature
Description
Package Option
*
AD9501JN
0
∞C to 70∞C
20-Lead Plastic DIP
N-20
AD9501JP
0
∞C to 70∞C
20-Lead Plastic Leaded Chip Carrier
P-20A
AD9501JP-REEL
0
∞C to 70∞C
20-Lead Plastic Leaded Chip Carrier
P-20A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
∞C, and sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. All devices are 100% production tested at 25
∞C. 100% production tested at temperature extremes for
extended temperature devices; sample tested at temperature extremes for commercial/industrial devices.
OBSOLETE


Número de pieza similar - AD9501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9501JN AD-AD9501JN Datasheet
180Kb / 12P
   Digitally Programmable Delay Generator
REV. A
AD9501JP AD-AD9501JP Datasheet
180Kb / 12P
   Digitally Programmable Delay Generator
REV. A
AD9501JQ AD-AD9501JQ Datasheet
180Kb / 12P
   Digitally Programmable Delay Generator
REV. A
AD9501SQ AD-AD9501SQ Datasheet
180Kb / 12P
   Digitally Programmable Delay Generator
REV. A
More results

Descripción similar - AD9501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9500 AD-AD9500 Datasheet
131Kb / 11P
   Digitally Programmable Delay Generator
REV. D
AD9500 AD-AD9500_15 Datasheet
140Kb / 11P
   Digitally Programmable Delay Generator
REV. D
AD9501 AD-AD9501 Datasheet
180Kb / 12P
   Digitally Programmable Delay Generator
REV. A
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
   Dual Digitally Programmable Potentiometer
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com