Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCH041N60E Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FCH041N60E
Descripción Electrónicos  N-Channel SuperFET짰 II Easy-Drive MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH041N60E Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FCH041N60E Datasheet HTML 1Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 2Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 3Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 4Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 5Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 6Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 7Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 8Page - Fairchild Semiconductor FCH041N60E Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2013 Fairchild Semiconductor Corporation
FCH041N60E Rev. C1
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FCH041N60E
FCH041N60E
TO-247
Tube
N/A
N/A
30 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
ID = 10 mA, VGS = 0 V, TC = 25oC600
-
-
V
ID = 10 mA, VGS = 0 V, TC = 150oC650
-
-
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, Referenced to 25oC
-
0.67
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 480 V, VGS = 0 V
-
-
1
μA
VDS = 480 V, VGS = 0 V, TC = 125oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±20 V, VDS = 0 V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250 μA
2.5
-
3.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 39 A
-
36
41
m
Ω
gFS
Forward Transconductance
VDS = 20 V, ID = 39 A
-
71
-
S
Ciss
Input Capacitance
VDS = 100 V, VGS = 0 V,
f = 1 MHz
-
10300
13700
pF
Coss
Output Capacitance
-
355
475
pF
Crss
Reverse Transfer Capacitance
-
4
6
pF
Coss
Output Capacitance
VDS = 380 V, VGS = 0 V, f = 1 MHz
-
187
-
pF
Cosseff.
Effective Output Capacitance
VDS = 0 V to 480 V, VGS = 0 V
-
735
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 380 V, ID = 39 A,
VGS = 10 V
(Note 4)
-
285
380
nC
Qgs
Gate to Source Gate Charge
-
45
-
nC
Qgd
Gate to Drain “Miller” Charge
-
105
-
nC
ESR
Equivalent Series Resistance
f = 1 MHz
-
1.2
-
Ω
td(on)
Turn-On Delay Time
VDD = 380 V, ID = 39 A,
VGS = 10 V, RG = 4.7 Ω
(Note 4)
-
50
110
ns
tr
Turn-On Rise Time
-
50
110
ns
td(off)
Turn-Off Delay Time
-
320
650
ns
tf
Turn-Off Fall Time
-
85
180
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
77
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
231
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 39 A
-
-
1.2
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 39 A,
dIF/dt = 100 A/μs
-
590
-
ns
Qrr
Reverse Recovery Charge
-
18
-
μC
Notes:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. IAS = 15 A, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 39 A, di/dt ≤ 200 A/μs, VDD ≤ 380V, starting TJ = 25°C.
4. Essentially independent of operating temperature.


Número de pieza similar - FCH041N60E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FCH041N60E ISC-FCH041N60E Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FCH041N60E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
771Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP104N60 FAIRCHILD-FCP104N60_15 Datasheet
803Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com