Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCH104N60 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FCH104N60
Descripción Electrónicos  N-Channel SuperFET짰 II MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH104N60 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FCH104N60 Datasheet HTML 1Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 2Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 3Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 4Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 5Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 6Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 7Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 8Page - Fairchild Semiconductor FCH104N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
©2014 Fairchild Semiconductor Corporation
FCH104N60 Rev. C0
Typical Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
*Notes:
1. VGS = 0V
2. ID = 10mA
TJ, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.5
1.0
1.5
2.0
2.5
*Notes:
1. VGS = 10V
2. ID = 18.5A
TJ, Junction Temperature [
oC]
25
50
75
100
125
150
0
10
20
30
40
TC, Case Temperature [
oC]
1
10
100
1000
0.01
0.1
1
10
100
300
10μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
DC
0
120
240
360
480
600
0
4
8
12
16
20
V
DS, Drain to Source Voltage [V]


Número de pieza similar - FCH104N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCH104N60 FAIRCHILD-FCH104N60 Datasheet
766Kb / 9P
   N-Channel SuperFET II MOSFET
logo
Inchange Semiconductor ...
FCH104N60 ISC-FCH104N60 Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
logo
Inchange Semiconductor ...
FCH104N60F ISC-FCH104N60F Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH104N60F-F085 ONSEMI-FCH104N60F-F085 Datasheet
407Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 600 V, 37 A, 104 m
December, 2020 - Rev. 3
More results

Descripción similar - FCH104N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCPF600N60Z FAIRCHILD-FCPF600N60Z Datasheet
337Kb / 10P
   N-Channel SuperFET짰 II MOSFET
FCP170N60 FAIRCHILD-FCP170N60_15 Datasheet
817Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP190N60_GF102 FAIRCHILD-FCP190N60_GF102 Datasheet
663Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH130N60 FAIRCHILD-FCH130N60 Datasheet
620Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCH170N60 FAIRCHILD-FCH170N60 Datasheet
624Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP104N60 FAIRCHILD-FCP104N60_15 Datasheet
803Kb / 9P
   N-Channel SuperFET짰 II MOSFET
FCP110N65F FAIRCHILD-FCP110N65F Datasheet
709Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH077N65F FAIRCHILD-FCH077N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH104N60F FAIRCHILD-FCH104N60F Datasheet
579Kb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
FCH190N65F FAIRCHILD-FCH190N65F Datasheet
1Mb / 9P
   N-Channel SuperFET짰 II FRFET짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com