Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDG6301N_F085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDG6301N_F085
Descripción Electrónicos  Dual N-Channel, Digital FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6301N_F085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDG6301N_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDG6301N_F085 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FDG6301N
_F085
Dual N-Channel, Digital FET
General Description
Features
*The pinouts are symmetrical; pin 1 and 4 are interchangeable.
Units inside the carrier can be of either orientation and will not affect the functionality of the device.
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDG6301N
_F085
Units
V
DSS
Drain-Source Voltage
25
V
V
GSS
Gate-Source Voltage
8
V
I
D
Drain/Output Current
- Continuous
0.22
A
- Pulsed
0.65
P
D
Maximum Power Dissipation
(Note 1)
0.3
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D
Human Body Model(100 pF / 1500
)
6.0
kV
THERMAL CHARACTERISTICS
R
θJA
Thermal Resistance, Junction-to-Ambient
415
°C/W
25 V, 0.22 A continuous, 0.65 A peak.
R
DS(ON) = 4 @ VGS= 4.5 V,
R
DS(ON) = 5 @ VGS= 2.7 V.
Very low level gate drive requirements allowing direct
operation in 3 V circuits (V
GS(th) < 1.5 V).
Gate-Source Zener for ESD ruggedness
(>6kV Human Body Model).
Compact industry standard SC70-6 surface mount
package.
These dual N-Channel logic level enhancement mode
field effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This
very high density process is especially tailored to
minimize on-state resistance. This device has been
designed especially for low voltage applications as a
replacement for bipolar digital transistors and small
signal MOSFETs.
SOT-23
SuperSOTTM-8
SO-8
SOT-223
SC70-6
SuperSOTTM-6
1 or 4 *
6 or 3
5 or 2
4 or 1 *
2 or 5
3 or 6
SC70-6
G1
D2
S1
D1
S2
G2
.01
RoHS
Compliant
Qualified to AEC Q101
March
2009
©200
9 Fairchild Semiconductor Corporation
FDG6301N_F085 Rev. A
www.fairchildsemi.com
1


Número de pieza similar - FDG6301N_F085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
More results

Descripción similar - FDG6301N_F085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com